Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F479AI Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części STM32F479AI
Szczegółowy opis  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 55Page - STMicroelectronics STM32F479AI Datasheet HTML 56Page - STMicroelectronics STM32F479AI Datasheet HTML 57Page - STMicroelectronics STM32F479AI Datasheet HTML 58Page - STMicroelectronics STM32F479AI Datasheet HTML 59Page - STMicroelectronics STM32F479AI Datasheet HTML 60Page - STMicroelectronics STM32F479AI Datasheet HTML 61Page - STMicroelectronics STM32F479AI Datasheet HTML 62Page - STMicroelectronics STM32F479AI Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 208 page
background image
DocID028010 Rev 2
59/208
STM32F479xx
Pinouts and pin description
79
K9
N3
-
-
101 N15
PH11
I/O
FT
-
TIM5_CH2, FMC_D19,
DCMI_D2, LCD_R5,
EVENTOUT
-
H10
P2
-
-
102 M15
PH12
I/O
FT
-
TIM5_CH3, FMC_D20,
DCMI_D3, LCD_R6,
EVENTOUT
-
-
H7
-
-
-
K10
VSS
S
-
-
-
-
-
-
-
-
103 K11
VDD
S
-
-
-
-
N10
H5
P12
85
104 L13
PB12
I/O
FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
USART3_CK, CAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_RMI
I_TXD0, OTG_HS_ID,
EVENTOUT
-
N11
K4
P13
86
105 K14
PB13
I/O
FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
USART3_CTS, CAN2_TX,
OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_RMI
I_TXD1, EVENTOUT
OTG_HS_VBU
S
N12
P1
R14
87
106 R14
PB14
I/O
FT
-
TIM1_CH2N,
TIM8_CH2N, SPI2_MISO,
I2S2ext_SD,
USART3_RTS,
TIM12_CH1,
OTG_HS_DM,
EVENTOUT
-
N13
N2
R15
88
107 R15
PB15
I/O
FT
-
RTC_REFIN,
TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI/I2S2_SD,
TIM12_CH2,
OTG_HS_DP, EVENTOUT
-
L10
L4
P15
89
108 L15
PD8
I/O
FT
-
USART3_TX, FMC_D13,
EVENTOUT
-
M10
N1
P14
90
109 L14
PD9
I/O
FT
-
USART3_RX, FMC_D14,
EVENTOUT
-
L11
M3
N15
91
110 K15
PD10
I/O
FT
-
USART3_CK, FMC_D15,
LCD_B3, EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More