| Zakładka z wyszukiwarką danych komponentów |
|
VX6854LC Arkusz danych(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC Arkusz danych(HTML) 54 Page - STMicroelectronics |
|
54 / 114 page ![]() Video data interface VX6854LC 54/114 DocID027110 Rev 2 Black pixel data (zero integration time) The VX6854LC has 0 black pixels. Dark pixel data (light shielded pixels) The VX6854LC has 0 dark pixels. Manufacturer specific pixel data The VX6854LC has 0 manufacturer specific pixels. Interline padding/line blanking During interline padding all bits in the data stream in a CCP frame are set to 1. In a CSI-2 frame there is no concept of line blanking being transmitted, the sensor will simply spend a longer time in the LP state between active line data. Interframe padding / frame blanking During interframe padding all bits in the data stream in a CCP frame are set to 1. In a CSI-2 frame there is no concept of frame blanking being transmitted, the sensor will simply spend a longer time in the LP state at the end of the active data for a frame. |