| Zakładka z wyszukiwarką danych komponentów |
|
VX6854LC Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 114 page ![]() Overview VX6854LC 14/114 DocID027110 Rev 2 1.2 VX6854LC use in system with software image processing The VX6854LC image sensor can be directly connected to a baseband or multimedia processor. No dedicated coprocessor is used in this configuration. The image processing is done in software or hardware within the baseband processor. Figure 3. VX6854LC in system with software image processing Systems with a CCP 1.0 interface can operate with this device, however they may have a maximum CCP link speed of 208 MHz and therefore will not be able to achieve 20 fps with this device. 1.3 Reference documents Mobile Baseband Processor XSHUTDOWN EXTCLK SMIA CCI CCP VX6854LC imaging CCI CCP2 TX Pixel array and processes Table 3. Reference documents Title Date MIPI Alliance Standard for Camera Serial Interface 2 (CSI-2) v1.0 Nov 2005 MIPI Alliance D-PHY Specification (v00-90-00) Oct 2007 SMIA 1.0 Functional Specification 30/06/2004 SMIA 1.0 Characterization Specification Rev A 10/03/2005 SMIA 1.0 CCP2 Specification 30/06/2004 SMIA 1.0 Mechanical Specification 30/06/2004 SMIA 1.0 Functional Specification ECR0001 ver 1 11/02/2005 SMIA 1.0 CCP2 Specification ECR0002 ver 1 11/02/2005 |