Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM9727NBA Arkusz danych(PDF) 4 Page - ELM Electronics

Numer części ELM9727NBA
Szczegółowy opis  CMOS voltage detector IC for battery-operated portable devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM [ELM Electronics]
Strona internetowa  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9727NBA Arkusz danych(HTML) 4 Page - ELM Electronics

  ELM9727NBA Datasheet HTML 1Page - ELM Electronics ELM9727NBA Datasheet HTML 2Page - ELM Electronics ELM9727NBA Datasheet HTML 3Page - ELM Electronics ELM9727NBA Datasheet HTML 4Page - ELM Electronics ELM9727NBA Datasheet HTML 5Page - ELM Electronics ELM9727NBA Datasheet HTML 6Page - ELM Electronics ELM9727NBA Datasheet HTML 7Page - ELM Electronics ELM9727NBA Datasheet HTML 8Page - ELM Electronics ELM9727NBA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
150
VOLTAGE DETECTOR ELM97xxxxA
■
■
■
■
■
TIMING CHART
■
■
■
■
■
BLOCK DIAGRAM
1.CMOS Output
2.N-ch Opendrain Output
VREF
VDD
OUT
VSS
+
-
VDD
VSS
VREF
+
-
OUT
VDETN
VHYS
VopMin
tPHL
tPLH
VSS
VSS
VDETP
VDD
OUT
■
■
■
■
■
MAXIMUM ABSOLUTE RATINGS
(VSS=0V)
Parameter
Limits
Units
Power Supply Voltage
10
V
CMOS
VSS-0.3~VDD+0.3
N-ch
VSS-0.3~+10
Output Current
50
mA
SOT-89
300
SOT-23
200
Operating Temperature
-30~+80
Storage Temperature
-40~+125
Output Voltage
Power Dissipation
VOUT
Pd
Symbol
VDD
IOUT
Top
Tstg
V
mW
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com