Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM9727NBA Arkusz danych(PDF) 10 Page - ELM Electronics

Numer części ELM9727NBA
Szczegółowy opis  CMOS voltage detector IC for battery-operated portable devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM [ELM Electronics]
Strona internetowa  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9727NBA Arkusz danych(HTML) 10 Page - ELM Electronics

Back Button ELM9727NBA Datasheet HTML 2Page - ELM Electronics ELM9727NBA Datasheet HTML 3Page - ELM Electronics ELM9727NBA Datasheet HTML 4Page - ELM Electronics ELM9727NBA Datasheet HTML 5Page - ELM Electronics ELM9727NBA Datasheet HTML 6Page - ELM Electronics ELM9727NBA Datasheet HTML 7Page - ELM Electronics ELM9727NBA Datasheet HTML 8Page - ELM Electronics ELM9727NBA Datasheet HTML 9Page - ELM Electronics ELM9727NBA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
156
■
■
■
■
■
TEST CIRCUITS
1. Current Consumption
2. Detection Voltage
* R=1M Ω
ELM97
Series
ELM97
Series
ELM97
ELM97
Series
Series
ELM97
Series
3. Output Current (N-ch)
4. Output Current (P-ch)
5. Delay Time
Input Pulse
* R=1M Ω
R is unnecessary for CMOS output products.
A
A
A
V
V
V
V
V
P.G.
→
3 or 6V
0.8V
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
OUT
OUT
VDETN
3V
R*
OUT
VDS
VDS
OUT
OUT
R*
CL
3V
VOLTAGE DETECTOR ELM97xxxxA
●
●●



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com