Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZPY13 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części ZPY13
Szczegółowy opis  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY13 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  ZPY13 Datasheet HTML 1Page - Vishay Siliconix ZPY13 Datasheet HTML 2Page - Vishay Siliconix ZPY13 Datasheet HTML 3Page - Vishay Siliconix ZPY13 Datasheet HTML 4Page - Vishay Siliconix ZPY13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZPY1 thru ZPY100
Vishay Semiconductors
formerly General Semiconductor
Document Number 88417
www.vishay.com
02-May-02
1
Zener Diodes
VZ Range 1.0, 3.9 to 100V
Power Dissipation 1.3W
Maximum Ratings and Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
1.3(1)
W
Thermal Resistance Junction to Ambient Air
R
θJA
130(1)
°C/W
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
–55 to +175
°C
Note:
(1) Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
max. ∅
Cathode
0.034 (0.86)
Mark
max. ∅ 0.102 (2.6)
DO-204AL (DO-41 Glass)
Dimensions in inches and (millimeters)
Features
• Silicon Planar Power Zener Diodes
• For use in stabilizing and clipping circuits with
high power rating.
• The Zener voltages are graded according to the
international E 12 standard. Smaller voltage
tolerances are available upon request.
• These diodes are also available in the MELF case
with the type designation ZMY10 … ZMY100.
Mechanical Data
Case: DO-41 Glass Case
Weight: approx. 0.35g
Packaging Codes/Options:
D9/5K per 13” reel (52mm tape), 10K/box
E1/5K per Ammo mag. (52 mm tape), 10K/box


Podobny numer części - ZPY13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZPY13 DIODES-ZPY13 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
General Semiconductor
ZPY13 GE-ZPY13 Datasheet
217Kb / 5P
ZENER DIODES
logo
Diotec Semiconductor
ZPY13 DIOTEC-ZPY13 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY13 EIC-ZPY13 Datasheet
35Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZPY13 DIOTEC-ZPY13 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
More results

Podobny opis - ZPY13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com