Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TB6634FNG Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TB6634FNG
Szczegółowy opis  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6634FNG Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TB6634FNG Datasheet HTML 4Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 5Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 6Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 7Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 8Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 9Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 10Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 11Page - Toshiba Semiconductor TB6634FNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TB6634FNG
2015-4-3
8
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
18
V
Input voltage
VIN1
-0.3 to VCC (Note 1)
V
VIN2
-0.3 to Vrefout +0.3
(Note 2)
Output voltage
Vout
Vrefout +0.3 (Note 3)
V
Input/Output voltage
Vinout
VCC (Note 4)
Output current
IOUT1
1 (Note 5)
mA
IOUT2
2 (Note 3)
mA
Vrefout output current
Irefout
30 (Note 6)
mA
Power dissipation
PD
1.1 (Note 7)
W
Operating temperature
Topr
-30 to 115 (Note 8)
°C
Note 1: VIN 1 pin: VSP
Note 2: VIN 2 pins:
HUP, HVP, HWP, HUM, HVM, HWM CW/CCW, RES, Idc, FGC, Gin, TR, OSC/R, OSC/C, and Vdc
Note 3: U, V, W, X, Y, and Z
Note 4: Gout, PH, LPF/LA, and UL
Note 5: FG
Note 6: Since the Vrefout pin delivers a maximum output current of 30 mA, care should be exercised to the output
impedance.
Note 7: When mounted on a universal board (50 mm × 50 mm × 1.6 mm, Cu 40 %)
Note 8: The operating temperature range is determined by the PD - Ta characteristics.
Operating Ranges (Ta = 25°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
6
15
16.5
V
Oscillation frequency
Fosc
3
4.5
6
MHz
Ambient temperature Ta (°C)
PD – Ta
0
0
2.0
When mounted on
universal board
50 mm × 50 mm × 1.6 mm
IC only
Rth (j-a) = 145°C/W
1.6
1.2
0.8
50
100
150
200
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com