Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08231CIWM Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC08231CIWM
Szczegółowy opis  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231CIWM Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  ADC08231CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Notes13)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
65V
Voltage at Inputs and Outputs
b
03V to VCC a 03V
Input Current at Any Pin (Note 4)
g
5mA
Package Input Current (Note 4)
g
20 mA
Power Dissipation at TA e 25 C (Note 5)
800 mW
ESD Susceptibility (Note 6)
1500V
Soldering Information
N Package (10 sec)
260 C
TSSOP and SO Package (Note 7)
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
Storage Temperature
b
65 Cto a150 C
Operating Ratings (Notes23)
Temperature Range
TMIN s TA s TMAX
ADC08231BIN ADC08231CIN
b
40 C s TA s a85 C
ADC08234BIN ADC08234CIN
ADC08238BIN ADC08238CIN
ADC08231BIWM ADC08231CIWM
ADC08234BIWM ADC08238BIWM
ADC08234CIWM ADC08238CIWM
ADC08234CIMF
Supply Voltage (VCC)
45 VDC to 63 VDC
Electrical Characteristics
The following specifications apply for VCC ea5VDC VREF ea25 VDC and fCLK e 4 MHz RSource e 50X unless otherwise
specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
ADC08231
ADC08234 and
ADC08238 with BIN
Units
Symbol
Parameter
Conditions
CIN BIWM
(Limits)
CIWM or CIMF Suffixes
Typical
Limits
(Note 8)
(Note 9)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Linearity Error
VREF ea25 VDC
BIN BIWM
g
LSB (max)
CIN CIMF CIWM
g
1
LSB (max)
Gain Error
VREF ea25 VDC
BIN BIWM
g
1
LSB (max)
CIN CIMF CIWM
g
1
LSB (max)
Zero Error
VREF ea25 VDC
BIN BIWM
g
1
LSB (max)
CIN CIMF CIWM
g
1
LSB (max)
Total Unadjusted Error
VREF ea5VDC
BIN BIWM
(Note 10)
g
1
LSB (max)
CIN CIMF CIWM
g
1
LSB (max)
Differential Linearity
VREF ea25 VDC
8
Bits (min)
RREF
Reference Input Resistance
(Note 11)
35
kX
13
kX (min)
60
kX (max)
VIN
Analog Input Voltage
(Note 12)
(VCC a 005)
V (max)
(GND b 005)
V (min)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24