Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08231CIWM Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC08231CIWM
Szczegółowy opis  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231CIWM Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  ADC08231CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VCC ea5VDC and fCLK e 4 MHz unless otherwise specified Boldface limits apply for
TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
ADC08231
ADC08234 and
ADC08238 with BIN
Units
Symbol
Parameter
Conditions
CIN BIWM
(Limits)
CIWM or CIMF Suffixes
Typical
Limits
(Note 8)
(Note 9)
REFERENCE CHARACTERISTICS
VREFOUT
Output Voltage
BIN BIJ
25
25 g15%
V
BIWM
g
2%
CIN CIJ
25
25 g30%
CIWM CMJ
g
35%
D
VREF DT
Temperature Coefficient
40
ppm C
D
VREF DIL
Load Regulation
Sourcing
%mA
(max)
(Note 17)
(0 s IL s a4 mA)
ADC08234
0003
01
ADC08238
Sourcing
(0 s IL s a2 mA)
ADC08231
0003
01
Sinking
(b1 s IL s 0 mA)
ADC08234
02
05
ADC08238
Sinking
(b1 s IL s 0 mA)
ADC08231
02
05
Line Regulation
475V s VCC s 525V
05
6
mV
(max)
ISC
Short Circuit Current
VREF e 0V
(max)
mA
ADC08234
8
25
ADC08238
VREF e 0V
ADC08231
8
25
TSU
Start-Up Time
VCC 0V
x 5V
20
ms
CL e 100 mF
D
VREF Dt
Long Term Stability
200
ppm1 kHr
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24