Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FARM2H13 Arkusz danych(PDF) 7 Page - Vicor Corporation

Numer części FARM2H13
Szczegółowy opis  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2H13 Arkusz danych(HTML) 7 Page - Vicor Corporation

Back Button FARM2H13 Datasheet HTML 3Page - Vicor Corporation FARM2H13 Datasheet HTML 4Page - Vicor Corporation FARM2H13 Datasheet HTML 5Page - Vicor Corporation FARM2H13 Datasheet HTML 6Page - Vicor Corporation FARM2H13 Datasheet HTML 7Page - Vicor Corporation FARM2H13 Datasheet HTML 8Page - Vicor Corporation FARM2H13 Datasheet HTML 9Page - Vicor Corporation FARM2H13 Datasheet HTML 10Page - Vicor Corporation FARM2H13 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FARM™
Rev 6.7
vicorpower.com
Page 7 of 11
06/2015
800 927.9474
FARMxxxx
+IN
PC (GATE IN)
PR
–IN
N
EMI GND
N/C
L
+
EN
–
150 k
15 Vdc
Micro-
controller
Vicor DC-DC
Converter
FARM
BOK
ST
Not used with VI-260/VI-J60
Figure 10 — Enable (EN) function
Bus-OK (BOK) Pin. (see Fig. 11)
The Bus-OK pin is
intended to provide early-warning power fail information and
is also referenced to the negative output pin.
CAUTION: There is no input-to-output isolation in
the FARM. It is necessary to monitor Bus OK via an
optoisolator if it is to be used on the secondary
(output) side of the converters. A line-isolation
transformer should be used when performing
scope measurements. Scope probes should never
be applied simultaneously to the input and output
as this will damage the module.
Filter. (see Fig. 12)
An integral input filter consists of a
common mode choke and Y rated capacitors (line-ground)
plus two X rated capacitors (line-line). This filter
configuration provides common mode and differential mode
insertion loss in the frequency range between 100 kHz and
30 MHz as illustrated in Figure 6.
Hold-up Capacitors.
Hold-up capacitor values should be
determined according to output bus voltage ripple, power fail
hold-up time, and ride-through time (see Fig. 13).
Many applications require the power supply to maintain
output regulation during a momentary power failure of
specified duration, i.e., the converters must hold-up or ride-
through such an event while maintaining undisturbed output
voltage regulation. Similarly, many of these same systems
require notification of an impending power failure in order to
allow time to perform an orderly shut down.
The energy stored on a capacitor which has been charged to
voltage V is:
ε = 1/2(CV2)(1)
Where:
ε = stored energy
C = capacitance
V = voltage across the capacitor
Energy is given up by the capacitors as they are discharged by
the converters. The energy expended
(the power-time product) is:
ε = PΔt = C(V
1
2–V
2
2) / 2
(2)
Where:
P = operating power
Δt = discharge interval
V1 = capacitor voltage at the beginning
of
Δt
V2 = capacitor voltage at the end of Δt
Rearranging Equation 2 to solve for the required capacitance:
C = 2P
Δt / (V1
2–V
2
2)(3)
APPLICATION NOTE (CONT.)
+IN
PC
PR
–IN
N
EMI GND
N/C
L
+
BOK
ST
EN
–
Vicor DC-DC
Converter
Micro-
controller
15 Vdc
+5 Vdc
Secondary
referenced
Figure 11 — Bus OK (BOK) isolated power status indicator
4.7 nF
L1
4.7 nF
N
EMI GND
N/C
L
0.47 μF
0.099 μF
330 μH
+
BOK
ST
EN
–
CM
Figure 12 — Internal filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com