Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FARM2H13 Arkusz danych(PDF) 3 Page - Vicor Corporation

Numer części FARM2H13
Szczegółowy opis  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2H13 Arkusz danych(HTML) 3 Page - Vicor Corporation

  FARM2H13 Datasheet HTML 1Page - Vicor Corporation FARM2H13 Datasheet HTML 2Page - Vicor Corporation FARM2H13 Datasheet HTML 3Page - Vicor Corporation FARM2H13 Datasheet HTML 4Page - Vicor Corporation FARM2H13 Datasheet HTML 5Page - Vicor Corporation FARM2H13 Datasheet HTML 6Page - Vicor Corporation FARM2H13 Datasheet HTML 7Page - Vicor Corporation FARM2H13 Datasheet HTML 8Page - Vicor Corporation FARM2H13 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FARM™
Rev 6.7
vicorpower.com
Page 3 of 11
06/2015
800 927.9474
FARMxxxx
ELECTRICAL CHARACTERISTICS (CONT.)
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
MTBF
>1,000,000
Hours
25 ˚C, Ground Benign, Mil, HDBK, 2 17 F
Baseplate material
Aluminum
Cover
Ends: Zenite® 6130
Center section: Kapton insulated aluminum
Pin Material
Style 1 & 2
Copper, Tin / Lead plated
Styles S & N (ModuMate compatible)
Copper, Nickel / Gold plated
Styles F & G (RoHS compliant)
Copper, Nickel / Gold plated
Weight
3.1
Ounces
(88)
(grams)
Size
2.28 x 2.2 x 0.5
Inches
(57,9 x 55,9 x 12,7)
(mm)
SAFETY SPECIFICATIONS (FARM1xxx, FARM2xxx)
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage (in to out)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand
2,121
Vdc
Baseplate earthed
(I/O to baseplate)
Leakage current
1.5
mA
264 Vac
AGENCY APPROVALS
Safety Standards
Agency Markings
Notes
FARM1 xxx
UL60950, EN60950, CSA 60950
cTÜVus
Baseplate earthed, fast acting line fuse,
Bussman ABC10 or Wickman 10 A 194 series
CE Marked
Low voltage directive
FARM2 xxx
UL60950, EN60950, CSA 60950
cTÜVus
Baseplate earthed, fast acting line fuse,
Bussman ABC15 or Wickman 16 A 194 Series
CE Marked
Low voltage directive
Parameter
Standard
Notes
Transient / surge immunity
EN61000-4-5
2 kV – 50 µs Line or neutral to earth
1 kV – 50 µs Line to neutral
Line disturbance / immunity
EN61000-4-11
Interruptions and brownouts
Flicker / inrush
EN61000-3-3
ELECTROMAGNETIC COMPATIBILITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com