Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2114QRGHTQ1 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2114QRGHTQ1
Szczegółowy opis  Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114QRGHTQ1 Arkusz danych(HTML) 3 Page - Texas Instruments

  FDC2114QRGHTQ1 Datasheet HTML 1Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 2Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 3Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 4Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 5Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 6Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 7Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 8Page - Texas Instruments FDC2114QRGHTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
1
2
3
4
12
11
10
9
DAP
SCL
SDA
CLKIN
ADDR
IN0A
IN0B
IN1A
IN1B
DAP
1
SCL
3
CLKIN
4
ADDR
INTB
5
VDD
7
GND
8
IN0A
9
IN0B
10
IN1A
11
SD
6
IN1B
12
2
SDA
3
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
www.ti.com
SNOSCZ9 – MAY 2016
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
FDC2112/FDC2212 DNT Package
12-Pin WSON
Top View
FDC2114/FDC2214 RGH Package
16-Pin WQFN
Top View
(1)
I = Input, O = Output, P=Power, G=Ground, A=Analog
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the device's GND pin. Do not use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
SCL
I
I2C clock input
2
SDA
I/O
12C data input/output
3
CLKIN
I
Master Clock input. Tie this pin to GND if internal oscillator is selected
4
ADDR
I
I2C Address selection pin: when ADDR=L, I2C address = 0x2A, when ADDR=H, I2C address =
0x2B.
5
INTB
O
Configurable Interrupt output pin
6
SD
I
Shutdown input
7
VDD
P
Power Supply
8
GND
G
Ground
9
IN0A
A
Capacitive sensor input 0
10
IN0B
A
Capacitive sensor input 0
11
IN1A
A
Capacitive sensor input 1
12
IN1B
A
Capacitive sensor input 1
13
IN2A
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
14
IN2B
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
15
IN3A
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
16
IN3B
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
DAP
DAP(2)
N/A
Connect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com