Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY77433 Arkusz danych(PDF) 6 Page - Skyworks Solutions Inc.

Numer części SKY77433
Szczegółowy opis  Front-End Module for WCDMA / HSDPA / HSUPA (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77433 Arkusz danych(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY77433 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRELIMINARY DATA SHEET
SKY77433 FRONT-END MODULE FOR WCDMA / HSDPA / HSUPA
TX (1920-1980 MHz), RX (2110-2170 MHz)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
December 8, 2008 • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • 200595B
Table 8. Electrical Specifications for Power Detector
Tx Power Detection
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Detector Power Detect Range
PDET
0.0
26.0
dBm
Detector Output Range
VDET
3 dBm ≤ PO ≤ 26 dBm
400 (rms)
1800 (peak)
mV
Table 9. Nominal Duplexer Performance
Antenna to Rx Parameter
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Insertion Loss
ILRx
2110 MHz to 2170 MHz
2.0
dB
Ripple
Each Rx Frequency
–0.5
0.5
dB
DC to 12750 MHz
20
ARX1
180 MHz to 200 MHz
40
ARX2
703 MHz to 724 MHz
25
ARX3
1055 MHz to 1085 MHz
45
ARX4
1730 MHz to 1790 MHz
40
Tx Band
ARX5
1920 MHz to 1980 MHz
50
ARX6
2015 MHz to 2025 MHz
23
ARX7
2025 MHz to 2050 MHz
13
ARX8
2050 MHz to 2075 MHz
5
Tx + Rx
ARX9
4030 MHz to 4150 MHz
35
Attenuation
2Tx + Rx
ARX10
5950 MHz to 6130 MHz
35
dB
VSWR
2.0:1
Input
30
dBm
Tx Power @ Rx Port
1920 MHz to 1980 MHz
PMAX1
–25
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com