Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY77433 Arkusz danych(PDF) 8 Page - Skyworks Solutions Inc.

Numer części SKY77433
Szczegółowy opis  Front-End Module for WCDMA / HSDPA / HSUPA (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77433 Arkusz danych(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY77433 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY77433 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY DATA SHEET
SKY77433 FRONT-END MODULE FOR WCDMA / HSDPA / HSUPA
TX (1920-1980 MHz), RX (2110-2170 MHz)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
December 8, 2008 • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • 200595B
Package Dimensions
The SKY77433 is a multi-layer laminate base, overmold
encapsulated modular package designed for surface-mounted
solder attachment to a printed circuit board. Figure 4 is a
mechanical drawing of the pad layout for this package. Figure 5
provides a recommended phone board layout footprint for the FEM
to help the designer attain optimum thermal conductivity, good
grounding, and minimum RF discontinuity for the 50 ohm
terminals.
Figure 4. Dimensional Diagram for 7 x 4 x 1.05 mm, 16-Pad Package (All Views) – SKY77433



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com