| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F877ATI/ML Arkusz danych(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877ATI/ML Arkusz danych(HTML) 14 Page - Microchip Technology |
|
14 / 234 page ![]() PIC16F87XA DS39582B-page 12 2003 Microchip Technology Inc. PORTC is a bidirectional I/O port. RC0/T1OSO/T1CKI RC0 T1OSO T1CKI 15 16 32 34 I/O O I ST Digital I/O. Timer1 oscillator output. Timer1 external clock input. RC1/T1OSI/CCP2 RC1 T1OSI CCP2 16 18 35 35 I/O I I/O ST Digital I/O. Timer1 oscillator input. Capture2 input, Compare2 output, PWM2 output. RC2/CCP1 RC2 CCP1 17 19 36 36 I/O I/O ST Digital I/O. Capture1 input, Compare1 output, PWM1 output. RC3/SCK/SCL RC3 SCK SCL 18 20 37 37 I/O I/O I/O ST Digital I/O. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C mode. RC4/SDI/SDA RC4 SDI SDA 23 25 42 42 I/O I I/O ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO RC5 SDO 24 26 43 43 I/O O ST Digital I/O. SPI data out. RC6/TX/CK RC6 TX CK 25 27 44 44 I/O O I/O ST Digital I/O. USART asynchronous transmit. USART1 synchronous clock. RC7/RX/DT RC7 RX DT 26 29 1 1 I/O I I/O ST Digital I/O. USART asynchronous receive. USART synchronous data. TABLE 1-3: PIC16F874A/877A PINOUT DESCRIPTION (CONTINUED) Pin Name PDIP Pin# PLCC Pin# TQFP Pin# QFN Pin# I/O/P Type Buffer Type Description Legend: I = input O = output I/O = input/output P = power — = Not used TTL = TTL input ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt. 2: This buffer is a Schmitt Trigger input when used in Serial Programming mode. 3: This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise. |