| Zakładka z wyszukiwarką danych komponentów |
|
COP688CL Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP688CL Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 40 page ![]() General Description (Continued) It is a fully static part fabricated using double-metal silicon gate microCMOS technology Features include an 8-bit memory mapped architecture MICROWIREPLUS serial IO two 16-bit timercounters supporting three modes (Processor Independent PWM generation External Event counter and Input Capture mode capabilities) and two pow- er savings modes (HALT and IDLE) both with a multi- sourced wakeupinterrupt capability This multi-sourced in- terrupt capability may also be used independent of the HALT or IDLE modes Each IO pin has software selectable configurations The device operates over a voltage range of 25V to 6V High throughput is achieved with an efficient regular instruction set operating at a maximum of 1 ms per instruction rate Connection Diagrams Plastic Chip Carrier TLDD9766 – 2 Top View Order Number COP688CL-XXXV COP888CL-XXXV COP988CL-XXXV or COP988CLH-XXXV See NS Plastic Chip Package Number V44A Dual-In-Line Package TLDD9766 – 4 Top View Order Number COP688CL-XXXN COP888CL-XXXN COP988CL-XXXN or COP988CLH-XXXN See NS Molded Package Number N40A Dual-In-Line Package TLDD9766 – 5 Top View Order Number COP688CL-XXXN COP884CL-XXXN COP984CL-XXXN or COP984CLH-XXXN See NS Molded Package Number N28B Order Number COP684CL-XXXWM COP884CL-XXXWM COP984CL-XXXWM or COP984CLHXXXWM See NS Surface Mount Package Number M28B FIGURE 2 Connection Diagrams http www nationalcom 2 |