Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

COP688CL Arkusz danych(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części COP688CL
Szczegółowy opis  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Arkusz danych(HTML) 23 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 19Page - National Semiconductor (TI) COP688CL Datasheet HTML 20Page - National Semiconductor (TI) COP688CL Datasheet HTML 21Page - National Semiconductor (TI) COP688CL Datasheet HTML 22Page - National Semiconductor (TI) COP688CL Datasheet HTML 23Page - National Semiconductor (TI) COP688CL Datasheet HTML 24Page - National Semiconductor (TI) COP688CL Datasheet HTML 25Page - National Semiconductor (TI) COP688CL Datasheet HTML 26Page - National Semiconductor (TI) COP688CL Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Interrupts (Continued)
SOFTWARE TRAP
The Software Trap (ST) is a special kind of non-maskable
interrupt which occurs when the INTR instruction (used to
acknowledge interrupts) is fetched from ROM and placed
inside the instruction register This may happen when the
PC is pointing beyond the available ROM address space or
when the stack is over-popped
When an ST occurs the user can re-initialize the stack
pointer and do a recovery procedure (similar to reset but
not necessarily containing all of the same initialization pro-
cedures) before restarting
The occurrence of an ST is latched into the ST pending bit
The GIE bit is not affected and the ST pending bit (not
accessible by the user)
is used to inhibit other interrupts
and to direct the program to the ST service routine with the
VIS instruction The RPND instruction is used to clear the
software interrupt pending bit This pending bit is also
cleared on reset
The ST has the highest rank among all interrupts
Nothing (except another ST) can interrupt an ST being
serviced
WATCHDOG
The device contains a WATCHDOG and clock monitor The
WATCHDOG is designed to detect the user program getting
stuck in infinite loops resulting in loss of program control or
‘‘runaway’’ programs The Clock Monitor is used to detect
the absence of a clock or a very slow clock below a speci-
fied rate on the CKI pin
The WATCHDOG consists of two independent logic blocks
WD UPPER and WD LOWER WD UPPER establishes the
upper limit on the service window and WD LOWER defines
the lower limit of the service window
Servicing the WATCHDOG consists of writing a specific val-
ue to a WATCHDOG Service Register named WDSVR
which is memory mapped in the RAM This value is com-
posed of three fields consisting of a 2-bit Window Select a
5-bit Key Data field and the 1-bit Clock Monitor Select field
Table I shows the WDSVR register
The lower limit of the service window is fixed at 2048 in-
struction cycles Bits 7 and 6 of the WDSVR register allow
the user to pick an upper limit of the service window
Table II shows the four possible combinations of lower and
upper limits for the WATCHDOG service window This flexi-
bility in choosing the WATCHDOG service window prevents
any undue burden on the user software
Bits 5 4 3 2 and 1 of the WDSVR register represent the
5-bit Key Data field The key data is fixed at 01100 Bit 0 of
the WDSVR Register is the Clock Monitor Select bit
TABLE I WATCHDOG Service Register (WDSVR)
Window
Key Data
Clock
Select
Monitor
X
X
01100
Y
7
6
54321
0
TABLE II WATCHDOG Service Window Select
WDSVR
WDSVR
Service Window
Bit 7
Bit 6
(Lower-Upper Limits)
0
0
2k-8k tc Cycles
0
1
2k-16k tc Cycles
1
0
2k-32k tc Cycles
1
1
2k-64k tc Cycles
Clock Monitor
The Clock Monitor aboard the device can be selected or
deselected under program control The Clock Monitor is
guaranteed not to reject the clock if the instruction cycle
clock (1tc) is greater or equal to 10 kHz This equates to a
clock input rate on CKI of greater or equal to 100 kHz
WATCHDOG Operation
The WATCHDOG and Clock Monitor are disabled during
reset The device comes out of reset with the WATCHDOG
armed the WATCHDOG Window Select bits (bits 6 7 of the
WDSVR Register) set and the Clock Monitor bit (bit 0 of the
WDSVR Register) enabled Thus a Clock Monitor error will
occur after coming out of reset if the instruction cycle clock
frequency has not reached a minimum specified value in-
cluding the case where the oscillator fails to start
The WDSVR register can be written to only once after reset
and the key data (bits 5 through 1 of the WDSVR Register)
must match to be a valid write This write to the WDSVR
register involves two irrevocable choices (i) the selection of
the WATCHDOG service window (ii) enabling or disabling of
the Clock Monitor Hence the first write to WDSVR Register
involves selecting or deselecting the Clock Monitor select
the WATCHDOG service window and match the WATCH-
DOG key data Subsequent writes to the WDSVR register
will compare the value being written by the user to the
WATCHDOG service window value and the key data (bits 7
through 1) in the WDSVR Register Table III shows the se-
quence of events that can occur
The user must service the WATCHDOG at least once be-
fore the upper limit of the serivce window expires The
WATCHDOG may not be serviced more than once in every
lower limit of the service window The user may service the
WATCHDOG as many times as wished in the time period
between the lower and upper limits of the service window
The first write to the WDSVR Register is also counted as a
WATCHDOG service
The WATCHDOG has an output pin associated with it This
is the WDOUT pin on pin 1 of the port G WDOUT is active
low The WDOUT pin is in the high impedance state in the
inactive state Upon triggering the WATCHDOG the logic
will pull the WDOUT (G1) pin low for an additional
16 tc–32 tc cycles after the signal level on WDOUT pin goes
below the lower Schmitt trigger threshold After this delay
the device will stop forcing the WDOUT output low
The WATCHDOG service window will restart when the
WDOUT pin goes high It is recommended that the user tie
the WDOUT pin back to VCC through a resistor in order to
pull WDOUT high
A WATCHDOG service while the WDOUT signal is active
will be ignored The state of the WDOUT pin is not guaran-
teed on reset but if it powers up low then the WATCHDOG
will time out and WDOUT will enter high impedance state
http
www nationalcom
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40