Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HB56SW3272ESK Arkusz danych(PDF) 13 Page - Hitachi Semiconductor

Numer części HB56SW3272ESK
Szczegółowy opis  256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB56SW3272ESK Arkusz danych(HTML) 13 Page - Hitachi Semiconductor

Back Button HB56SW3272ESK Datasheet HTML 9Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 10Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 11Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 12Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 13Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 14Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 15Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 16Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HB56SW3272ESK-5/6
13
19. When output buffers are enabled once, sustain the low impedance state until valid data is
obtained. When output buffer is turned on and off within a very short time, generally it causes
large V
CC/VSS line noise, which causes to degrade VIH min/VIL max
level.
20. t
HPC (min) can be achieved during a series of EDO page mode write cycles or EDO page mode
read cycles. If both write and read operation are mixed in a EDO page mode
RAS cycle (EDO
page mode mix cycle (1), (2)), minimum value of
CAS cycle (t
CAS + tCP + 2 tT) becomes greater
than the specified t
HPC (min) value.
The value of
CAS cycle time of mixed EDO page mode is
shown in EDO page mode mix cycle (1) and (2).
21. Data output turns off and becomes high impedance from later rising edge of
RAS and CAS.
Hold time and turn off time are specified by the timing specifications of later rising edge of
RAS
and
CAS between t
OHR and tOH and between tOFR and t OFF.
22. t
DOH defines the time at which the output level go cross. VOL = 0.8 V, VOH = 2.0 V of output timing
reference level.
23. XXX: H or L (H: V
IH (min) ≤ VIN ≤ VIH (max), L: VIL (min) ≤ VIN ≤ VIL (max))
///////: Invalid Dout
When the address, clock and input pins are not described on timing waveforms, their pins must
be applied V
IH or VIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com