Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HB56SW3272ESK Arkusz danych(PDF) 3 Page - Hitachi Semiconductor

Numer części HB56SW3272ESK
Szczegółowy opis  256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB56SW3272ESK Arkusz danych(HTML) 3 Page - Hitachi Semiconductor

  HB56SW3272ESK Datasheet HTML 1Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 2Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 3Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 4Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 5Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 6Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 7Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 8Page - Hitachi Semiconductor HB56SW3272ESK Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HB56SW3272ESK-5/6
3
Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name
1V
SS
43
V
SS
85
V
SS
127
V
SS
2
DQ0
44
OE2
86
DQ36
128
NC
3
DQ1
45
RE2
87
DQ37
129
RE3
4
DQ2
46
CE4
88
DQ38
130
CE5
5
DQ3
47
NC
89
DQ39
131
NC
6V
CC
48
WE290
V
CC
132
PDE
7
DQ4
49
V
CC
91
DQ40
133
V
CC
8
DQ5
50
NC
92
DQ41
134
NC
9
DQ6
51
NC
93
DQ42
135
NC
10
DQ7
52
DQ18
94
DQ43
136
DQ54
11
DQ8
53
DQ19
95
DQ44
137
DQ55
12
V
SS
54
V
SS
96
V
SS
138
V
SS
13
DQ9
55
DQ20
97
DQ45
139
DQ56
14
DQ10
56
DQ21
98
DQ46
140
DQ57
15
DQ11
57
DQ22
99
DQ47
141
DQ58
16
DQ12
58
DQ23
100
DQ48
142
DQ59
17
DQ13
59
V
CC
101
DQ49
143
V
CC
18
V
CC
60
DQ24
102
V
CC
144
DQ60
19
DQ14
61
NC
103
DQ50
145
NC
20
DQ15
62
NC
104
DQ51
146
NC
21
DQ16
63
NC
105
DQ52
147
NC
22
DQ17
64
NC
106
DQ53
148
NC
23
V
SS
65
DQ25
107
V
SS
149
DQ61
24
NC
66
DQ26
108
NC
150
DQ62
25
NC
67
DQ27
109
NC
151
DQ63
26
V
CC
68
V
SS
110
V
CC
152
V
SS
27
WE0
69
DQ28
111
NC
153
DQ64
28
CE0
70
DQ29
112
CE1
154
DQ65
29
NC
71
DQ30
113
NC
155
DQ66
30
RE0
72
DQ31
114
RE1
156
DQ67
31
OE073
V
CC
115
NC
157
V
CC
32
V
SS
74
DQ32
116
V
SS
158
DQ68
33
A0
75
DQ33
117
A1
159
DQ69
34
A2
76
DQ34
118
A3
160
DQ70
35
A4
77
DQ35
119
A5
161
DQ71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com