| Zakładka z wyszukiwarką danych komponentów |
|
TMP320F2811PBKQ Arkusz danych(PDF) 97 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811PBKQ Arkusz danych(HTML) 97 Page - Texas Instruments |
|
97 / 147 page ![]() Electrical Specifications 97 June 2004 SPRS257 6.15 Low-Power Mode Wakeup Timing Table 6−9 is also the IDLE Mode Wake-Up Timing Requirements table. Table 6−9. IDLE Mode Switching Characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT t Pulse duration, external wake-up Without input qualifier 2*tc(SCO) Cycles tw(WAKE-INT) Pulse duration, external wake-up signal With input qualifier 1*tc(SCO) + IQT† Cycles t Delay time, external wake signal to program execution resume‡ td(WAKE-IDLE) − Wake-up from SARAM Without input qualifier 8 * tc(SCO) Cycles − Wake-up from SARAM With input qualifier 8 * tc(SCO) + IQT† Cycles † Input Qualification Time (IQT) = [5 x QUALPRD x 2] * tc(SCO) ‡ This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up) signal involves additional latency. WAKE INT‡ XCLKOUT† A0−A15 td(WAKE−IDLE) † XCLKOUT = SYSCLKOUT ‡ WAKE INT can be any enabled interrupt, WDINT, XNMI, or XRS. tw(WAKE−INT) Figure 6−10. IDLE Entry and Exit Timing Table 6−10 is also the STANDBY Mode Wake-Up Timing Requirements table. Table 6−10. STANDBY Mode Switching Characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT td(IDLE-XCOH) Delay time, IDLE instruction executed to XCLKOUT high 32 * tc(SCO) 12 * tc(CI) Cycles t Pulse duration, external Without input qualifier 12 * tc(CI) Cycles tw(WAKE-INT) Pulse duration, external wake-up signal With input qualifier (2 + QUALSTDBY)† * tc(CI) Cycles td(WAKE-STBY) Delay time, external wake signal to program execution resume‡ td(WAKE-STBY) − Wake-up from SARAM Without input qualifier 12 * tc(CI) Cycles − Wake-up from SARAM With input qualifier 12 * tc(CI) + tw(WAKE-INT) Cycles † QUALSTDBY is a 6-bit field in the LPMCR0 register. ‡ This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up) signal involves additional latency. |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |