| Zakładka z wyszukiwarką danych komponentów |
|
TMP320F2811PBKQ Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811PBKQ Arkusz danych(HTML) 11 Page - Texas Instruments |
|
11 / 147 page ![]() Features 11 June 2004 SPRS257 1 Features D High-Performance Static CMOS Technology − 150 MHz (6.67-ns Cycle Time) − Low-Power (1.8-V Core @135 MHz, 1.9-V Core @150 MHz, 3.3-V I/O) Design D JTAG Boundary Scan Support† D High-Performance 32-Bit CPU (TMS320C28x) − 16 x 16 and 32 x 32 MAC Operations − 16 x 16 Dual MAC − Harvard Bus Architecture − Atomic Operations − Fast Interrupt Response and Processing − Unified Memory Programming Model − 4M Linear Program/Data Address Reach − Code-Efficient (in C/C++ and Assembly) − Code and Pin Compatible to F2810, F2811, and F2812 devices − TMS320F24x/LF240x Processor Source Code Compatible D On-Chip Memory − 20K x 16 Total Single-Access RAM (SARAM) − L0 and L1: 2 Blocks of 4K x 16 Each SARAM − L2 and L3: 2 Blocks of 1K X 16 SARAM − H0: 1 Block of 8K x 16 SARAM − M0 and M1: 2 Blocks of 1K x 16 Each SARAM D SPI, SCI, and GPIO Boot Loader Modes to Support Loading Code From Off-chip Sources to On-chip RAM. SPI Boot Mode Supports Loading From an External Serial EEPROM. D Boot ROM (4K x 16) − With Software Boot Modes − Standard Math Tables D External Interface (2812) − Up to 1M Total Memory − Programmable Wait States − Programmable Read/Write Strobe Timing − Three Individual Chip Selects D Clock and System Control − Dynamic PLL Ratio Changes Supported − On-Chip Oscillator − Watchdog Timer Module D Three External Interrupts D Peripheral Interrupt Expansion (PIE) Block That Supports 45 Peripheral Interrupts D Three 32-Bit CPU-Timers D Motor Control Peripherals − Two Event Managers (EVA, EVB) − Compatible to 240xA Devices D Serial Port Peripherals − Serial Peripheral Interface (SPI) − Two Serial Communications Interfaces (SCIs), Standard UART − Enhanced Controller Area Network (eCAN) − Multichannel Buffered Serial Port (McBSP) D 12-Bit ADC, 16 Channels − 2 x 8 Channel Input Multiplexer − Two Sample-and-Hold − Single/Simultaneous Conversions − Fast Conversion Rate: 80 ns/12.5 MSPS D Up to 56 General Purpose I/O (GPIO) Pins D Advanced Emulation Features − Analysis and Breakpoint Functions − Real-Time Debug via Hardware D Development Tools Include − ANSI C/C++ Compiler/Assembler/Linker − Code Composer Studio IDE − DSP/BIOS − JTAG Scan Controllers† D Low-Power Modes and Power Savings − IDLE, STANDBY, HALT Modes Supported − Disable Individual Peripheral Clocks D Package Options − 179-Ball MicroStar BGA With External Memory Interface (GHH), (ZHH) (2812) − 176-Pin Low-Profile Quad Flatpack (LQFP) With External Memory Interface (PGF) (2812) − 128-Pin LQFP Without External Memory Interface (PBK) (2811) D Temperature Options: − A: −40°C to 85°C (GHH, ZHH, PGF, PBK) − S/Q: −40°C to 125°C (GHH, ZHH, PGF, PBK) TMS320C24x, Code Composer Studio, DSP/BIOS, and MicroStar BGA are trademarks of Texas Instruments. † IEEE Standard 1149.1−1990, IEEE Standard Test-Access Port |