Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83256 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części DP83256
Szczegółowy opis  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 2Page - Texas Instruments DP83256 Datasheet HTML 3Page - Texas Instruments DP83256 Datasheet HTML 4Page - Texas Instruments DP83256 Datasheet HTML 5Page - Texas Instruments DP83256 Datasheet HTML 6Page - Texas Instruments DP83256 Datasheet HTML 7Page - Texas Instruments DP83256 Datasheet HTML 8Page - Texas Instruments DP83256 Datasheet HTML 9Page - Texas Instruments DP83256 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
20 Architecture Description
21 BLOCK OVERVIEW
The PLAYERa device is comprised of six blocks Clock
Recovery Receiver Configuration Switch Transmitter Sta-
tion Management (SMT) Support and Clock Generation
Module as shown in
Figure 2-1
Clock Recovery
The Clock Recovery Module accepts a 125 Mbps NRZI data
stream from the external PMD receiver It then provides the
extracted and synchronized data and clock to the Receiver
block
The Clock Recovery Module performs the following opera-
tions
 Locks to and tracks the incoming NRZI data stream
 Extracts data stream and synchronized 125 MHz clock
Receiver
During normal operation the Receiver Block accepts serial
data as inputs at the rate of 125 Mbps from the Clock Re-
covery Module During the Internal Loopback mode of oper-
ation the Receiver Block accepts data directly from the
Transmitter Block
The Receiver Block performs the following operations
 Optionally converts the incoming data stream from NRZI
to NRZ
 Decodes the data from 5B to 4B coding
 Converts the serial bit stream into 10-bit bytes composed
of 8 bits data 1 bit parity and 1 bit control information
 Compensates for the differences between the upstream
station clock and the local clocks
 Decodes Line States
 Detects link errors
 Presents data symbol pairs (bytes) to the Configuration
Switch Block
Configuration Switch
An FDDI station may be in one of three configurations Iso-
late Wrap or Thru The Configuration Switch supports these
configurations by switching the transmitted and received
data paths between PLAYERa devices and one or more
MACSI devices
The configuration switch is integrated into the PLAYERa
device therefore no external logic is required for this func-
tion
Setting the Configuration switch can be done explicitly via
the Control Bus Interface or it can be set automatically with
the CF
React SMT Support feature
TLF11708 – 2
FIGURE 2-1 PLAYERa Device Block Diagram
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com