| Zakładka z wyszukiwarką danych komponentów |
|
ADE3700XT Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700XT Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 89 page ![]() 35/89 ADE3700 Sync Multiplexer (SMUX) SMUX_CTRL1 0x0201 R/W [7] 0x0 venab out select 0: derived from enab out 1: generated internally R/W [6] 0x0 0: simple reset of hcount by href 1: self reset of hcount, used when the chosen href is intermittent, e.g. generating hsync from henab source. R/W [5] 0x0 Vsync_out invert R/W [4] 0x0 Hsync_out invert R/W [3] 0x0 V_reference edge select 0: falling 1: rising R/W [2] 0x0 V_reference select 0: venab_generated 1: vsync_internal R/W [1] 0x0 H_reference edge select 0: falling 1: rising R/W [0] 0x0 H_reference select 0: enab_internal 1: hsync_internal SMUX_CTRL2 0x0202 R [7] 0x0 V_reference toggle output. R/W [6] 0x0 Software odd set (for testing odd params on the bench) R/W [5:4] 0x0 Odd_out select 0x0: Reserved 0x1: vsync toggle 0x2: SMUX_CTRL2[6] 0x3: Reserved R/W [3] 0x0 Valid_out select 0: Reserved 1: valid_generated R/W [2] 0x0 Enab_out select 0: enab_internal 1: enab_generated R/W [1] 0x0 Vsync_out select 0: vsync_internal 1: hsync_generated R/W [0] 0x0 Hsync_out select 0: hsync_internal 1: hsync_generated Table 11: Sync Multiplexer Registers (Sheet 2 of 4) Register Name Addr Mode Bits Default Description |