| Zakładka z wyszukiwarką danych komponentów |
|
ADE3700XT Arkusz danych(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700XT Arkusz danych(HTML) 52 Page - STMicroelectronics |
|
52 / 89 page ![]() Timing Controller (TCON) ADE3700 52/89 TCON_X_18 0x0B92 R/W [7:0] 0x0 input selection for SRTD_9.A (Refer to Table 18 for definition) TCON_X_19 0x0B93 R/W [7:0] 0x0 input selection for SRTD_9.B (Refer to Table 18 for definition) TCON_X_20 0x0B94 R/W [7:0] 0x0 input selection for SRTD_10.A (Refer to Table 18 for definition) TCON_X_21 0x0B95 R/W [7:0] 0x0 input selection for SRTD_10.B (Refer to Table 18 for definition) TCON_X_22 0x0B96 R/W [7:0] 0x0 input selection for SRTD_11.A (Refer to Table 18 for definition) TCON_X_23 0x0B97 R/W [7:0] 0x0 input selection for SRTD_11.B (Refer to Table 18 for definition) TCON_X_24 0x0B98 R/W [7:0] 0x0 input selection for SRTD_12.A (Refer to Table 18 for definition) TCON_X_25 0x0B99 R/W [7:0] 0x0 input selection for SRTD_12. (Refer to Table 18 for definition) TCON_X_26 0x0B9A R/W [7:0] 0x0 input selection for SRTD_13.A (Refer to Table 18 for definition) TCON_X_27 0x0B9B R/W [7:0] 0x0 input selection for SRTD_13.B (Refer to Table 18 for definition) TCON_X_28 0x0B9C R/W [7:0] 0x0 input selection for SRTD_14.A (Refer to Table 18 for definition) TCON_X_29 0x0B9D R/W [7:0] 0x0 input selection for SRTD_14.B (Refer to Table 18 for definition) TCON_X_30 0x0B9E R/W [7:0] 0x0 input selection for SRTD_15.A (Refer to Table 18 for definition) TCON_X_31 0x0B9F R/W [7:0] 0x0 input selection for SRTD_15.B (Refer to Table 18 for definition) TCON_X_32 0x0BA0 R/W [7:0] 0x0 input selection for SRTD_16.A (Refer to Table 18 for definition) TCON_X_33 0x0BA1 R/W [7:0] 0x0 input selection for SRTD_16.B (Refer to Table 18 for definition) TCON_X_34 0x0BA2 R/W [7:0] 0x0 input selection for SRTD_17.A (Refer to Table 18 for definition) TCON_X_35 0x0BA3 R/W [7:0] 0x0 input selection for SRTD_17.B (Refer to Table 18 for definition) TCON_X_36 0x0BA4 R/W [7:0] 0x0 input selection for SRTD_18.A (Refer to Table 18 for definition) TCON_X_37 0x0BA5 R/W [7:0] 0x0 input selection for SRTD_18.B (Refer to Table 18 for definition) TCON_X_38 0x0BA6 R/W [7:0] 0x0 input selection for SRTD_19.A (Refer to Table 18 for definition) TCON_X_39 0x0BA7 R/W [7:0] 0x0 input selection for SRTD_19.B (Refer to Table 18 for definition) Table 17: TCON Registers (Sheet 5 of 7) Register Name Addr. Mode Bits Default Description |