Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM393PSLE Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM393PSLE
Szczegółowy opis  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM393PSLE Arkusz danych(HTML) 3 Page - Texas Instruments

  LM393PSLE Datasheet HTML 1Page - Texas Instruments LM393PSLE Datasheet HTML 2Page - Texas Instruments LM393PSLE Datasheet HTML 3Page - Texas Instruments LM393PSLE Datasheet HTML 4Page - Texas Instruments LM393PSLE Datasheet HTML 5Page - Texas Instruments LM393PSLE Datasheet HTML 6Page - Texas Instruments LM393PSLE Datasheet HTML 7Page - Texas Instruments LM393PSLE Datasheet HTML 8Page - Texas Instruments LM393PSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, DGK, JG, P, PS, or PW
FK Package
8-Pin SOIC, VSSOP, GDIP, PDIP, SO, or TSSOP
20-Pin CQCC
Top View
Top View
NC – No internal connection
Pin Functions
PIN
SOIC, VSSOP,
I/O
DESCRIPTION
NAME
GDIP, PDIP,
LCCC
SO, or TSSOP
1OUT
1
2
Output
Output pin of comparator 1
1IN-
2
5
Input
Negative input pin of comparator 1
1IN+
3
7
Input
Positive input pin of comparator 1
GND
4
10
Input
Ground
2IN+
5
12
Input
Positive input pin of comparator 2
2IN-
6
15
Input
Negative input pin of comparator 2
2OUT
7
17
Output
Output pin of comparator 2
VCC
8
20
Input
Supply Pin
1
3
4
6
8
9
NC
—
N/A
No Connect (No Internal Connection)
11
13
14
16
18
19
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com