Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM393PSLE Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM393PSLE
Szczegółowy opis  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM393PSLE Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM393PSLE Datasheet HTML 6Page - Texas Instruments LM393PSLE Datasheet HTML 7Page - Texas Instruments LM393PSLE Datasheet HTML 8Page - Texas Instruments LM393PSLE Datasheet HTML 9Page - Texas Instruments LM393PSLE Datasheet HTML 10Page - Texas Instruments LM393PSLE Datasheet HTML 11Page - Texas Instruments LM393PSLE Datasheet HTML 12Page - Texas Instruments LM393PSLE Datasheet HTML 13Page - Texas Instruments LM393PSLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
+
½ LM2903
VLOGIC
VSUP
Vref
Vin
+
½ LM2903
Vin-
Vin+
Rpullup
Rpullup
VLOGIC
VSUP
CL
CL
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
LM2903 will typically be used to compare a single signal to a reference or two signals against each other. Many
users take advantage of the open drain output to drive the comparison logic output to a logic voltage level to an
MCU or logic device. The wide supply range and high voltage capability makes LM2903 optimal for level shifting
to a higher or lower voltage.
8.2 Typical Application
Figure 7. Single-Ended and Differential Comparator Configurations
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to Vsup-1.5 V
Supply Voltage
2 V to 36 V
Logic Supply Voltage
2 V to 36 V
Output Current (RPULLUP)
1 µA to 20 mA
Input Overdrive Voltage
100 mV
Reference Voltage
2.5 V
Load Capacitance (CL)
15 pF
8.2.2 Detailed Design Procedure
When using LM2903 in a general comparator application, determine the following:
•
Input Voltage Range
•
Minimum Overdrive Voltage
•
Output and Drive Current
•
Response Time
8.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common mode voltage range (VICR) must be taken in to
account. If temperature operation is above or below 25°C the VICR can range from 0 V to VCC– 2.0 V. This limits
the input voltage range to as high as VCC– 2.0 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
Below is a list of input voltage situation and their outcomes:
10
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com