Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV9302A Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STV9302A
Szczegółowy opis  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics STV9302A Datasheet HTML 10Page - STMicroelectronics STV9302A Datasheet HTML 11Page - STMicroelectronics STV9302A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Application Hints
STV9302A
8/15
CS performs an integration of the parabolic signal on CL, therefore the amount of S correction is set
by the combination of CL and Cs.
4.3
Application with Differential-output Drivers
Certain driver ICs provide the ramp signal in differential form, as two current sources i+ and i− with
opposite variations.
Let us set some definitions:
q
icm is the common-mode current:
q
at peak of signal, i+ =icm +ip and i− =icm -ip, therefore the peak differential signal is ip -(-
ip)=2ip, and the peak-peak differential signal, 4ip.
The application is described in Figure 7 with DC yoke coupling. The calculations still rely on the fact
that V1 remains equal to V7.
Figure 7: Using a Differential-output Driver
+Vs
R2
R1
Rd(*)
Yoke
Ly
-VEE
(*)
recommended:
Ly
50
µs
--------------Rd
Ly
20
µs
--------------
<
<
0.1µF
0.1µF
CF (47 to 100µF)
Power
Amplifier
Flyback
Generator
Thermal
Safety
+
-
470µF
470µF
Output
Current
Output
Voltage
Ip
7
32
5
6
1
4
R7
+
-
Differential output
driver IC
ip
icm
-ip
icm
1.5
Ω
i
cm
1
2
---i
+
i
-
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com