Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV9302A Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STV9302A
Szczegółowy opis  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics STV9302A Datasheet HTML 10Page - STMicroelectronics STV9302A Datasheet HTML 11Page - STMicroelectronics STV9302A Datasheet HTML 12Page - STMicroelectronics STV9302A Datasheet HTML 13Page - STMicroelectronics STV9302A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Mounting Instructions
STV9302A
10/15
5
Mounting Instructions
The power dissipated in the circuit is removed by adding an external heatsink. With the
HEPTAWATT™ package, the heatsink is simply attached with a screw or a compression spring
(clip).
A layer of silicon grease inserted between heatsink and package optimizes thermal contact. In DC-
coupled applications we recommend to use a silicone tape between the device tab and the heatsink
to electrically isolate the tab.
Figure 9: Secondary Breakdown Temperature Derating Curve (ISB = Secondary Breakdown Current)
Figure 10: Mounting Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com