| Zakładka z wyszukiwarką danych komponentów |
|
TAS3208IPZPR Arkusz danych(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3208IPZPR Arkusz danych(HTML) 63 Page - Texas Instruments |
|
63 / 79 page ![]() TAS3208 www.ti.com SLES201E – JANUARY 2007 – REVISED MARCH 2011 Table 26. Audio Data Format(1) DIGITAL AUDIO I/O FORMAT IM1/OM1 IM0/OM0 Left-justified 0 0 Right-justified 0 1 I2S 1 0 – 1 1 (1) Default values are shown in italics. Status Register (0x02) The Status register provide memory load information. When a memory load error for a particular memory occurs, the memory load error bit for that memory is set to 1. When a memory load is successful for a particular memory, the memory load error bit for that memory is set to 0. The host must check this load status after memory load. The host can clear all load error status by writing 0 to bits D40 –D32 of this register. Table 27. Status Register BIT 63 62 61 60 59 58 57 56 DESCRIPTION 0 0 0 0 0 0 0 0 Reserved BIT 55 54 53 52 51 50 49 48 0 0 0 0 0 0 0 Reserved BIT 47 46 45 44 43 42 41 40 0 0 0 0 0 0 0 0 Unsused BIT 39 38 37 36 35 34 33 32 x x x x x x x 1 M8051 program memory load error x x x x x x 1 x M8051 external memory load error x x x x x 1 x x DSP program memory load error x x x x 1 x x x DSP coefficient memory load error x x x 1 x x x x DSP data memory load error x 1 x x x x x x Invalid memory select 1 x x x x x x x End of load header error 1 1 1 1 1 1 1 1 No EEPROM 0 0 0 0 0 0 0 0 No error BIT 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 Reserved BIT 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 Reserved BIT 15 14 13 12 11 10 9 8 0 Reserved BIT 7 6 5 4 3 2 1 0 0 Reserved ABSY Analog busy flag 0 Reserved 0 Reserved 0 Reserved 0 Reserved BUSE I2C bus error 0 Reserved Bits 40 –32 define the memory load error status on EEPROM download and slave download. Copyright © 2007–2011, Texas Instruments Incorporated Submit Documentation Feedback 63 Product Folder Link(s): TAS3208 |