| Zakładka z wyszukiwarką danych komponentów |
|
CS5516-AS Arkusz danych(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5516-AS Arkusz danych(HTML) 22 Page - Cirrus Logic |
|
22 / 41 page ![]() s h o u ld no t be ap plied prior to the CS5516/CS5520 being powered-up. With EXC, F1, and F0 set to logic 0, the BX1 output will be logic 0 (0 volts) and the BX2 output will be a logic 1 (+5 volts). A second method for configuring the converter for dc excitation is by setting EXC = 1, and pulling up BX1 (pin 12) to VD+ (pin 20) through a resistor. This sets the converter for use with external excitation which uses the BX1 pin as an input to set the excitation fre- quency. With BX1 = VD +, th e ex ternal excitation frequency is zero, or dc. AC Bridge Excitation AC bridge excitation involves using a clock sig- nal to generate a square wave which repetitively reverses the excitation polarity on the bridge. To excite the bridge dynamically requires some type of bridge driver external to the CS5516/CS5520 converter. This driver is driven by a square wave clock. The source of this clock depends upon whether the converter is set for internal excita- t ion or for external excitation. Figure 6 illustrates a sample bridge drive circuit when op- erating in the internal AC excitation mode. Using internal excitation involves setting the EXC bit of the configuration register to 0, and setting the F1 and F0 bits to select the excitation frequency for the bridge. In this mode the exci- tation frequency is a sub-multiple of the XIN clock frequency. The excitation clock is output from the BX1 and BX2 pins of the converter in the form of a two-phase non-overlapping clock. The converter is capable of demodulating this clocked excitation. But only if the signals into the AIN+ and VREF+ pins of the converter are in phase with the demodulation clock inside the converter (see Figure 7). The non-overlapping clock signals from BX1 and BX2 are CMOS level outputs (0 to VD+ volts) and are capable of driving one TTL load. A buffer amplifier MUST be used to drive the bridge. Whenever the internal mode is used for dynamic bridge excitation the signals are non-overlap- ping. The non-overlapping time is one XIN clock cycle. The converter can also be configured to provide dynamic bridge excitation when operating in the external-controlled bridge excitation mode. With the EXC bit of the configuration register set to logic 1, the BX1 pin becomes an input which determines the bridge excitation frequency and phase. BX1 should be near 50% duty cycle. The user can select the excitation frequency with the following restrictions. The excitation frequency must be synchronous with the XIN frequency of the converter and must be chosen using the fol- lowing equation: Fexc = (N × XIN) ⁄ 81,920 where N is an integer and lies in the range in- cluding 1 to 160. Fexc is the desired bridge excitation frequency. Other asynchronous fre- 2 4 3 5 7 6 10 µF 0.1 µF + -5V +5V 100 k -5V 10 k 10 k MICREL MIC4428 or MIC4425 BX2 +5V 0V TP0610 EXC+ EXC- +5V -5V +5V -5V Figure 6. Sample AC Bridge Driver BX1 (Out) BX2 (Out) Demod Clock (Internal) Note: The signals from the bridge into AIN+ and VREF+ of the converter must be in phase with the demodulation clock. t is 1 cycle of XIN clock. d t d t d Figure 7. Internal Excitation Clock Phasing CS5516, CS5520 22 DS74F1 22 DS74F2 |