Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5516-AS Arkusz danych(PDF) 29 Page - Cirrus Logic

Numer części CS5516-AS
Szczegółowy opis  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-AS Arkusz danych(HTML) 29 Page - Cirrus Logic

Back Button CS5516-AS Datasheet HTML 25Page - Cirrus Logic CS5516-AS Datasheet HTML 26Page - Cirrus Logic CS5516-AS Datasheet HTML 27Page - Cirrus Logic CS5516-AS Datasheet HTML 28Page - Cirrus Logic CS5516-AS Datasheet HTML 29Page - Cirrus Logic CS5516-AS Datasheet HTML 30Page - Cirrus Logic CS5516-AS Datasheet HTML 31Page - Cirrus Logic CS5516-AS Datasheet HTML 32Page - Cirrus Logic CS5516-AS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Digital Outputs
BX1 and BX2 - AC Bridge Excitation Signals, PINS 12, 11.
These can be buffered to drive the transducer or used as synchronizing signals for a transducer
drive circuit. BX1 and BX2 are 0 to +5V signals.
DRDY - Data Ready, PIN 15.
DRDY goes low every 81,920 cycles of XIN (when in read conversion data mode) to indicate
that new data has been placed in the output port. DRDY goes high when all the serial port data
is clocked out, when the serial port is being updated with new data, when a calibration is in
progress, or when the device is in SLEEP.
SOD - Serial Output Data, PIN 18.
Data from the serial port will be output from this pin at a rate determined by SCLK . The data
will either be conversion data, or, calibration values, dependent upon the command word that
has been previously input on the SID pin. The SOD pin furnishes a high impedance output
state when not transmitting data (SMODE = 0).
ORDERING GUIDE
Model Number
Linearity Error (Max)
Temperature Range
Package
CS5516-AP
0.003%
-40
°C to +85°C
24-pin 0.3" Plastic DIP
CS5516-AS
0.003%
-40
°C to +85°C
24-pin 0.3" SOIC
CS5520-BP
0.0015%
-40
°C to +85°C
24-pin 0.3" Plastic DIP
CS5520-BS
0.0015%
-40
°C to +85°C
24-pin 0.3" SOIC
CS5516, CS5520
DS74F1
29
DS74F2
29
ORDERING INFORMATION
ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model
Package
Resolution
Liearity
Error
Channels
Temperature
CS5516-AP
24-pin Plastic DIP
16 Bits
0.0030%
4
-40 to +85 °C
CS5516-AS
24-pin SOIC
CS5516-ASZ (lead free)
CS5520-BP
24-pin Plastic DIP
20 Bits
0.0015%
CS5520-BS
24-pin SOIC
CS5520-BSZ (lead free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5516-AP
260 °C
1
No Limit
CS5516-AS
240 °C
2
365 Days
CS5516-ASZ (lead free)
260 °C
3
7 Days
CS5520-BP
260 °C
1
No Limit
CS5520-BS
240 °C
2
365 Days
CS5520-BSZ (lead free)
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41