Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC509AP Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części MPC509AP
Szczegółowy opis  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MPC509AP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button MPC509AP Datasheet HTML 4Page - Texas Instruments MPC509AP Datasheet HTML 5Page - Texas Instruments MPC509AP Datasheet HTML 6Page - Texas Instruments MPC509AP Datasheet HTML 7Page - Texas Instruments MPC509AP Datasheet HTML 8Page - Texas Instruments MPC509AP Datasheet HTML 9Page - Texas Instruments MPC509AP Datasheet HTML 10Page - Texas Instruments MPC509AP Datasheet HTML 11Page - Texas Instruments MPC509AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MPC508A, MPC509A
8
SBFS019A
www.ti.com
8
6
4
2
0
100
1k
10k
100k
1M
10M
Toggle Frequency (Hz)
V
S = ±10V
MPC508A(1)
GND
In 2 Thru In 7
En
In 8
Out
A
2
A
1
A
0
En
10M
Ω
+4V
14pF
NOTE: (1) Similar connection for MPC509A.
A
A
–I
SUPPLY
–15V/–10V
±10V/±5V
–V
+I
SUPPLY
+15V/+10V
50
Ω
V
A
SUPPLY CURRENT vs TOGGLE FREQUENCY
V
S = ±15V
±10V/±5V
±10V/±5V
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS
Unless otherwise specified: T
A = +25, VS =
±15V, V
AM =
+4V, V
AL =
0.8V.
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–10
–8
–6
–4
–2
02468
10
ON RESISTANCE vs
ANALOG INPUT VOLTAGE
NORMALIZED ON RESISTANCE
vs SUPPLY VOLTAGE
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
±5
±6
±7
±8
±9
±10
±11
±12
±13
±14
±15
Supply Voltage (V)
±125°C > T
A > –55°C
V
IN = +5V
ON RESISTANCE vs ANALOG INPUT SIGNAL,
SUPPLY VOLTAGE
100µA
V
2
R
ON = V2/100µA
In
Out
V
IN
Analog Input (V)
T
A = +125°C
T
A = +25°C
T
A = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com