Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC509AP Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części MPC509AP
Szczegółowy opis  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MPC509AP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button MPC509AP Datasheet HTML 6Page - Texas Instruments MPC509AP Datasheet HTML 7Page - Texas Instruments MPC509AP Datasheet HTML 8Page - Texas Instruments MPC509AP Datasheet HTML 9Page - Texas Instruments MPC509AP Datasheet HTML 10Page - Texas Instruments MPC509AP Datasheet HTML 11Page - Texas Instruments MPC509AP Datasheet HTML 12Page - Texas Instruments MPC509AP Datasheet HTML 13Page - Texas Instruments MPC509AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MPC508A, MPC509A
10
SBFS019A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)
A
±V
IN
V
IN –Voltage Across Switch (V)
0
±2
±4
±6
±8
±10
±12
±14
±16
±14
±12
±10
±8
±6
±4
±2
0
ON-CHANNEL CURRENT vs VOLTAGE
–55°C
+25°C
+125°C
ACCESS TIME WAVEFORM
V
A Input
2V/Div
Output A
5V/Div
200ns/Div
V
AM
4.0V
0V
10V
t
A
50%
10V
90%
Address
Drive (V
A)
Output A
MPC
508A(1)
GND
In 2 Thru
In 7
In 1
In 8
Out
A
2
A
1
A
0
En
10M
Ω
50
Ω
+4V
14pF
V
A
NOTE: (1) Similar connection for MPC509A.
–10V
1000
900
800
700
600
500
400
300
3456789
10
11
12
13
14
15
Logic Level High (V)
ACCESS TIME vs LOGIC LEVEL (High)
Probe
+10V
+15V
V
REF
+V
–15V
–V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com