| Zakładka z wyszukiwarką danych komponentów |
|
PCM1608Y/2K Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1608Y/2K Arkusz danych(HTML) 20 Page - Texas Instruments |
|
20 / 29 page ![]() PCM1608 20 SBAS164A B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 REGISTER 11 R/W IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0 INC REG6 REG5 REG4 REG3 REG2 REG1 REG0 R/W Read/Write Mode Select When R/W = 0, a write operation is performed. When R/W = 1, a read operation is performed. Default Value: 0 INC Auto-Increment Read Control This bit is Read/Write. Default Value: 0 INC = 0 Auto-Increment Read Disabled (default) INC = 1 Auto-Increment Read Enabled The INC bit is used to enable or disable the Auto-Increment Read feature of the Serial Control Interface. Refer to the Serial Control Interface section of this data sheet for details regarding Auto-Increment Read operation. REG[6:0] Read Register Index These bits are Read/Write. Default Value: 01H The REG[6:0] bits are used to set the index of the register to be read when performing the Single Register Read operation. In the case of an Auto-Increment Read operation, the REG[6:0] bits indicate the index of the last register to be read in the Auto-Increment Read sequence. For example, if Registers 1 through 6 are to be read during an Auto-Increment Read operation, the REG[6:0] bits would be set to 06H. Refer to the Serial Control Interface section of this data sheet for details regarding the Single Register and Auto-Increment Read operations. B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 REGISTER 12 R/W IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0 OVER GPOE GPO6 GPO5 GPO4 GPO3 GPO2 GPO1 GPOx General-Purpose Logic Output Where: x = 1 through 6, corresponding pins GPO1 through GPO6. These bits are Read/Write. Default Value: 0 GPOx = 0 Set GPOx to “0” GPOx = 1 Set GPOx to “1” The general-purpose output pins, GPO1 through GPO6, are enabled by setting GPOE = 1. These pins are used as general-purpose outputs for controlling user-defined logic functions. When general-purpose outputs are disabled (GPOE = 0), they default to the zero-flag function, ZERO1 through ZERO6. GPOE General-Purpose Output Enable This bit is Read/Write. Default Value: 0 GPOE = 0 General-Purpose Outputs Disabled Pins default to zero-flag function (ZERO1 through ZERO6). GPOE = 1 General-Purpose Outputs Enabled Data written to GPO1 through GPO6 will appear at the corresponding pins. |