| Zakładka z wyszukiwarką danych komponentów |
|
PCM1608Y/2K Arkusz danych(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1608Y/2K Arkusz danych(HTML) 25 Page - Texas Instruments |
|
25 / 29 page ![]() PCM1608 25 SBAS164A POWER SUPPLIES AND GROUNDING The PCM1608 requires a +5V analog supply and a +3.3V digital supply. The +5V supply is used to power the DAC analog and output filter circuitry, while the +3.3V supply is used to power the digital filter and serial interface circuitry. For best performance, the +3.3V supply should be derived from the +5V supply using a linear regulator (see Figure 13). Two capacitors are required for supply bypassing (see Fig- ure 12). These capacitors should be located as close as possible to the PCM1608 package. The 10 µF capacitors should be tantalum or aluminum electrolytic, while the 0.1 µF capacitors are ceramic (X7R type is recommended for surface-mount applications). DAC OUTPUT FILTER CIRCUITS Delta-sigma DACs utilize noise-shaping techniques to im- prove in-band Signal-to-Noise Ratio (SNR) performance at the expense of generating increased out-of-band noise above the Nyquist Frequency, or fS/2. The out-of-band noise must be low-pass filtered in order to provide the optimal converter performance. This is accomplished by a combination of on- chip and external low-pass filtering. Figures 14 and 15 show the recommended external low-pass active filter circuits for dual- and single-supply applications. These circuits are second-order Butterworth filters using the Multiple FeedBack (MFB) circuit arrangement, which re- duces sensitivity to passive component variations over fre- quency and temperature. For more information regarding MFB active filter design, please refer to the Texas Instru- ments Applications Bulletin AB-034, available from our web site (www.ti.com), or your local Texas Instruments sales office. Since the overall system performance is defined by the quality of the DACs and their associated analog output circuitry, high-quality audio op amps are recommended for the active filters. The OPA2134 and OPA2353 dual op amps from Texas Instruments are shown in Figures 14 and 15, and are recommended for use with the PCM1608. FIGURE 14. Dual Supply Filter Circuit. FIGURE 15. Single-Supply Filter Circuit. R 1 R 3 R 4 R 2 C 1 C 2 V IN V OUT OPA2134 2 3 1 R 2 R 1 A V ≈ – R 1 R 3 R 4 R 2 C 1 C 2 V IN V OUT To Additional Low-Pass Filter Circuits OPA2134 2 3 1 + OPA337 C 2 10 µF V COM PCM1608 R 2 R 1 A V ≈ – |