| Zakładka z wyszukiwarką danych komponentów |
|
DP7269 Arkusz danych(PDF) 15 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7269 Arkusz danych(HTML) 15 Page - Copal Electronics |
|
15 / 16 page ![]() DP7269 © NIDEC COPAL ELECTRONICS CORP. 15 D . v e R 3 2 1 2 - D M . o N . c o D Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The device used in the above example is a DP7269WI-00-T1 (SOIC, Industrial Temperature, 100 k , Tape & Reel). Ordering Part Number DP7269WI-50 DP7269WI-00 DP7269YI-50 DP7269YI-00 Prefix Device # Suffix DP 7269 W I -00 - T1 Company ID Package W: SOIC Y: TSSOP Temperature Range I = Industrial (-40ºC to 85ºC) Product Number 7269 Resistance 50: 50k 00: 100k Tape & Reel T: Tape & Reel 1: 1000/Reel - SOIC 2: 2000/Reel - TSSOP |