Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CJP07N60 Arkusz danych(PDF) 1 Page - ZP Semiconductor

Numer części CJP07N60
Szczegółowy opis  N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZPSEMI [ZP Semiconductor]
Strona internetowa  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJP07N60 Arkusz danych(HTML) 1 Page - ZP Semiconductor

  CJP07N60 Datasheet HTML 1Page - ZP Semiconductor CJP07N60 Datasheet HTML 2Page - ZP Semiconductor CJP07N60 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220-3L Plastic-Encapsulate MOSFETS
CJP 07N60
N-Channel Power MOSFET
General Description
The high voltage MOSFET uses an advanced termination scheme
to provide enhanced voltage-blocking capability without degrading
performance over time. In addition , this advanced MOSFET is designed
to withstand high energy in avalanche and commutation modes . The
new energy efficient design also offers a drain-to-source diode with a
fast recovery time. Designed for high voltage, high speed switching
applications in power suppliers, converters and PWM motor controls ,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and safety margin against unexpected voltage transients.
FEATURES
Robust High Voltage Termination
Avalanche Energy Specified
Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source voltage
VDS
600
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current
ID
7
Pulsed Drain Current
IDM
20
A
Power Dissipation
PD
2
W
Single Pulsed Avalanche Energy*
EAS
530
mJ
Thermal Resistance, Junction-to-Ambient
RthJA
62.5
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-50 ~+150
*EAS condition: Tj=25
℃,VDD=50V,VGS=10V,L=19.5mH,IL=7A,RG=0
TO-220-3L
1. GATE
2. DRAIN
3. SOURCE
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJP07N60


Podobny numer części - CJP07N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
CJP07N60 JIANGSU-CJP07N60 Datasheet
398Kb / 4P
N-Channel Power MOSFET
More results

Podobny opis - CJP07N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com