Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QL4016-2PLC Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części QL4016-2PLC
Szczegółowy opis  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

QL4016-2PLC Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QL4016-2PLC Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-2PLC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
DC Characteristics
The DC specifications are provided in the tables below.
Table 9: Absolute Maximum Ratings
Parameter
Value
Parameter
Value
V
CC Voltage
-0.5 V to 4.6 V
DC Input Current
±20 mA
VCCIO Voltage
-0.5 V to 7.0 V
ESD Pad Protection
±2000 V
Input Voltage
-0.5 V to V
CCIO +0.5 V
Storage Temperature
-65°C to +150°C
Latch-up Immunity
±200 mA
Lead Temperature
300°C
Table 10: Operating Range
Symbol
Parameter
Military
Industrial
Commercial
Unit
Min
Max
Min
Max
Min
Max
V
CC
Supply Voltage
3.0
3.6
3.0
3.6
3.0
3.6
V
V
CCIO
I/O Input Tolerance Voltage
3.0
5.5
3.0
5.5
3.0
5.25
V
TA
Ambient Temperature
-55
-
-40
85
0
70
°C
TC
Case Temperature
-
125
-
-
-
-
°C
K
Delay Factor
-0 Speed Grade
0.42
2.03
0.43
1.90
0.46
1.85
n/a
-1 Speed Grade
0.42
1.64
0.43
1.54
0.46
1.50
n/a
-2 Speed Grade
0.42
1.37
0.43
1.28
0.46
1.25
n/a
-3 Speed Grade
0.43
0.90
0.46
0.88
n/a
-4 Speed Grade
0.43
0.82
0.46
0.80
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com