| Zakładka z wyszukiwarką danych komponentów |
|
QL4016-2PLC Arkusz danych(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL4016-2PLC Arkusz danych(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 18 page ![]() © 2002 QuickLogic Corporation www.quicklogic.com 13 • • • • • • QL4016 QuickRAM Data Sheet Rev I The 1149.1 JTAG standard requires the following three tests: • Extest Instruction. The Extest instruction performs a PCB interconnect test. This test places a device into an external boundary test mode, selecting the boundary scan register to be connected between the TAP's Test Data In (TDI) and Test Data Out (TDO) pins. Boundary scan cells are preloaded with test patterns (via the Sample/Preload Instruction), and input boundary cells capture the input data for analysis. • Sample/Preload Instruction. This instruction allows a device to remain in its functional mode, while selecting the boundary scan register to be connected between the TDI and TDO pins. For this test, the boundary scan register can be accessed via a data scan operation, allowing users to sample the functional data entering and leaving the device. • Bypass Instruction. The Bypass instruction allows data to skip a device's boundary scan entirely, so the data passes through the bypass register. The Bypass instruction allows users to test a device without passing through other devices. The bypass register connects the TDI and TDO pins, allowing serial data to be transferred through a device without affecting the operation of the device. |