Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSEI2X61 Arkusz danych(PDF) 2 Page - IXYS Corporation

Numer części DSEI2X61
Szczegółowy opis  Fast Recovery Epitaxial Diode (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI2X61 Arkusz danych(HTML) 2 Page - IXYS Corporation

  DSEI2X61 Datasheet HTML 1Page - IXYS Corporation DSEI2X61 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DSEI 2x 61, 200V
200
600
1000
0
400
800
0
10
20
30
40
50
60
70
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
0
40
80
120
160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
V
FR
di
F/dt
V
200
600
1000
0
400
800
5
15
25
0
10
20
30
10
100
1000
0.0
0.2
0.4
0.6
0.8
0.0
0.4
0.8
1.2
0
20
40
60
80
100
120
140
160
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
ms
A
V
µC
t
rr
ns
t
fr
Z
thJC
A/
ms
µs
DSEI 2x61-02
A/
ms
A/
ms
T
VJ= 100°C
V
R = 100V
T
VJ= 100°C
I
F
= 100A
Fig. 3 Typ. peak reverse current I
RM
versus -di
F/dt
Fig. 2 Typ. reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ=100°C
T
VJ=25°C
T
VJ= 100°C
V
R = 100V
T
VJ= 100°C
V
R = 100V
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Typ. recovery time t
rr
versus -di
F/dt
Fig. 6 Typ. peak forward voltage V
FR
and t
fr versus diF/dt
I
F=35A
I
F=70A
I
F=140A
t
fr
V
FR
Fig. 7 Transient thermal impedance junction to case
T
VJ=150°C
I
F= 35A
I
F= 70A
I
F=140A
I
F= 35A
I
F= 70A
I
F=140A
Constants for
Z
thJC calculation:
R
thi / (K/W)
t
i / (s)
0.1000
0.00014
0.3400
0.00600
0.3600
0.16500
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.20
1.489
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08
Dimensions
miniBLOC SOT-227 B
M4 screws (4x) supplied



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com