Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSEI2X61 Arkusz danych(PDF) 1 Page - IXYS Corporation

Numer części DSEI2X61
Szczegółowy opis  Fast Recovery Epitaxial Diode (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI2X61 Arkusz danych(HTML) 1 Page - IXYS Corporation

  DSEI2X61 Datasheet HTML 1Page - IXYS Corporation DSEI2X61 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
RRM
Type
V
V
200
200
DSEI 2x 61-02A
Symbol
Test Conditions
Maximum Ratings (per diode)
I
FRMS
T
VJ = TVJM
100
A
I
FAVM
x
T
C = 85°C; rectangular, d = 0.5
71
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
800
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
950
A
t = 8.3 ms (60 Hz), sine
1020
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
800
A
t = 8.3 ms (60 Hz), sine
870
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
4500
A2s
t = 8.3 ms (60 Hz), sine
4300
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
3200
A2s
t = 8.3 ms (60 Hz), sine
3140
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
150
W
V
ISOL
50/60 Hz, RMS I
ISOL £ 1 mA
2500
V~
M
d
Mounting torque
1.1-1.5/9-13
Nm/lb.in.
Terminal connection torque (M4)
1.1-1.5/9-13
Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values (per diode)
typ.
max.
I
R
T
VJ = 25°C
V
R
= V
RRM
50
µA
T
VJ = 25°C
V
R
= 0.8 • V
RRM
40
µA
T
VJ = 125°C
V
R
= 0.8 • V
RRM
11
mA
V
F
I
F = 60 A;
T
VJ = 150°C
0.88
V
T
VJ =
25°C
1.08
V
V
T0
For power-loss calculations only
0.7
V
r
T
T
VJ = TVJM
3.0
m
W
R
thJC
0.8
K/W
R
thCK
0.05
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/µs; VR = 30 V; TVJ = 25°C
35
50
ns
I
RM
V
R = 100 V;
I
F = 60 A; -diF/dt = 200 A/µs
8
10
A
L
£ 0.05 mH; T
VJ = 100°C
DSEI 2x 61
I
FAVM
= 2x 71 A
V
RRM =
200 V
t
rr
= 35 ns
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Fast Recovery
Epitaxial Diode (FRED)
Features
q
International standard package
miniBLOC (ISOTOP compatible)
q
Isolation voltage 2500 V~
q
2 independent FRED in 1 package
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
Applications
q
Antiparallel diode for high frequency
switching devices
q
Anti saturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
miniBLOC, SOT-227 B
E72873


Podobny numer części - DSEI2X61

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
DSEI2X61 IXYS-DSEI2X61 Datasheet
142Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-04C IXYS-DSEI2X61-04C Datasheet
128Kb / 3P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-06C IXYS-DSEI2X61-06C Datasheet
102Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-06C IXYS-DSEI2X61-06C Datasheet
128Kb / 3P
Fast Recovery Epitaxial Diode (FRED)
logo
Inchange Semiconductor ...
DSEI2X61-06C ISC-DSEI2X61-06C Datasheet
576Kb / 2P
FRD Module
More results

Podobny opis - DSEI2X61

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com