Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSM6DS3USTR Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części LSM6DS3USTR
Szczegółowy opis  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3USTR Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button LSM6DS3USTR Datasheet HTML 20Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 21Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 22Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 23Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 24Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 25Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 26Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 27Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
Module specifications
LSM6DS3US
24/104
DocID028476 Rev 4
4.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
TODR
Temperature refresh rate
52
Hz
Toff
Temperature offset(2)
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
-15
+15
°C
TSen
Temperature sensitivity
16
LSB/°C
TST
Temperature stabilization
time(3)
3. Time from power ON bit to valid data based on characterization data.
500
μs
T_ADC_res Temperature ADC resolution
12
bit
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More