Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSM6DS3USTR Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części LSM6DS3USTR
Szczegółowy opis  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3USTR Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button LSM6DS3USTR Datasheet HTML 22Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 23Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 24Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 25Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 26Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 27Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 28Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 29Page - STMicroelectronics LSM6DS3USTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Module specifications
LSM6DS3US
26/104
DocID028476 Rev 4
4.4.2
I2C - inter-IC control interface
Subject to general operating conditions for Vdd and Top.
Figure 4. I2C slave timing diagram
Note:
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
Table 7. I2C slave timing values
Symbol
Parameter
I2C Standard mode(1)
I2C Fast mode (1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL)
SCL clock low time
4.7
1.3
μs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0
3.45
0
0.9
μs
th(ST)
START condition hold time
4
0.6
μs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1. Data based on standard I2C protocol requirement, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More