| Zakładka z wyszukiwarką danych komponentów |
|
LSM6DSLTR Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSLTR Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 113 page ![]() DocID028475 Rev 5 19/113 LSM6DSL Pin description 113 3.1 Pin connections The LSM6DSL offers flexibility to connect the pins in order to have two different mode connections and functionalities. In detail: Mode 1: I2C slave interface or SPI (3- and 4-wire) serial interface is available; Mode 2: I2C slave interface or SPI (3- and 4-wire) serial interface and I2C interface master for external sensor connections are available; Figure 2. LSM6DSL connection modes In the following table each mode is described for the pin connection and function. |