| Zakładka z wyszukiwarką danych komponentów |
|
CWCBLPM1.W1-LZMZ-S2S3 Arkusz danych(PDF) 11 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CWCBLPM1.W1-LZMZ-S2S3 Arkusz danych(HTML) 11 Page - OSRAM GmbH |
|
11 / 23 page ![]() Version 1.1 CW CBLPM1.W1 2015-04-02 11 Max. Permissible Forward Current Max. zulässiger Durchlassstrom IF = f (T) Permissible Pulse Handling Capability Zulässige Impulsbelastbarkeit I F = f(tp) Rth JA el = 160 K/W; TA = 25°C; still air; FR4 Permissible Pulse Handling Capability Zulässige Impulsbelastbarkeit I F = f(tp) Rth JA el = 160K/W; TA = 85°C; still air; FR4 CW CBLPM1.W1 0 20 40 60 80 T [°C] 0 50 100 150 200 250 300 350 400 450 500 550 IF [mA] Do not use below 30 mA Do not use below 30 mA : 160 K/W : 110 K/W : 60 K/W : 14 K/W Note: Deratings strongly relate on the boundary conditions of each individual device: • The DC-derating on the left represents several thermal resistance values Rth JA (Junction/Ambient) as examples. • The shown pulse-deratings represent just one of alterative options for use. For further information please refer to application note „Thermal Management of Flash LEDs“. 10-5 10-4 10-3 0.01 0.1 1 10 Pulse time [s] 0.0 0.5 1.0 1.5 2.0 IF [A] CW CBLPM1.W1 : D = 0.2 : D = 0.1 : D = 0.05 : D = 0.02 : D = 0.01 : D = 0.005 10-5 10-4 10-3 0.01 0.1 1 10 Pulse time [s] 0.0 0.5 1.0 1.5 2.0 IF [A] CW CBLPM1.W1 : D = 0.2 : D = 0.1 : D = 0.05 : D = 0.02 : D = 0.01 : D = 0.005 |