Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6274 Arkusz danych(PDF) 11 Page - MOSA ELECTRONICS

Numer części MS6274
Szczegółowy opis  Low power consumption
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6274 Arkusz danych(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6274 Datasheet HTML 7Page - MOSA ELECTRONICS MS6274 Datasheet HTML 8Page - MOSA ELECTRONICS MS6274 Datasheet HTML 9Page - MOSA ELECTRONICS MS6274 Datasheet HTML 10Page - MOSA ELECTRONICS MS6274 Datasheet HTML 11Page - MOSA ELECTRONICS MS6274 Datasheet HTML 12Page - MOSA ELECTRONICS MS6274 Datasheet HTML 13Page - MOSA ELECTRONICS MS6274 Datasheet HTML 14Page - MOSA ELECTRONICS MS6274 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MOSA
MS6274
Volume Controller with soft step IC
V1.5
11/19
www.mosanalog.com
Example
Soft-step Time 10.24ms , Soft-step ON , Single-ended Mode.
Data byte
1
0
0
0
0
0
MSB
1
0
ACK
Start
0
0
0
0
0
0
0
0
MS6274 address
SubAddress
LSB
Stop
ACK
Data byte
1
0
0
0
0
0
0
1
Soft-step Time 10.24ms
Soft-step ON
Single-ended Mode
ACK
Set the 1/2VDD , All device active.
Data byte
1
0
0
0
0
0
MSB
1
0
ACK
Start
0
0
0
0
1
1
0
1
MS6274 address
SubAddress
LSB
Stop
ACK
Data byte
0
0
0
0
0
1
0
0
Set the 1/2VDD
All device active
ACK
Set Input gain of both channels at +4dB , select Input as IN1.
Data byte
1
0
0
0
0
0
MSB
1
0
ACK
Start
0
0
0
0
1
1
0
0
MS6274 address
SubAddress
LSB
Stop
ACK
Data byte
0
0
0
0
0
0
0
1
Both-channels , IN1 , +4dB
ACK
Set Volume of both-channels at -15dB
Data byte
1
0
0
0
0
0
MSB
1
0
ACK
Start
0
0
0
0
1
0
0
1
MS6274 address
SubAddress
LSB
Stop
ACK
Data byte
0
0
0
1
1
1
1
1
Both-channels , -15dB
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com