Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS6274 Arkusz danych(PDF) 12 Page - MOSA ELECTRONICS

Numer części MS6274
Szczegółowy opis  Low power consumption
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSA [MOSA ELECTRONICS]
Strona internetowa  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6274 Arkusz danych(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6274 Datasheet HTML 8Page - MOSA ELECTRONICS MS6274 Datasheet HTML 9Page - MOSA ELECTRONICS MS6274 Datasheet HTML 10Page - MOSA ELECTRONICS MS6274 Datasheet HTML 11Page - MOSA ELECTRONICS MS6274 Datasheet HTML 12Page - MOSA ELECTRONICS MS6274 Datasheet HTML 13Page - MOSA ELECTRONICS MS6274 Datasheet HTML 14Page - MOSA ELECTRONICS MS6274 Datasheet HTML 15Page - MOSA ELECTRONICS MS6274 Datasheet HTML 16Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MOSA
MS6274
Volume Controller with soft step IC
V1.5
12/19
www.mosanalog.com
Soft-step volume
When the volume-level is changed audible clicks could appear at the output. The root cause of those clicks could be the
sudden change of the envelope of the audio signal. With the Soft-step feature, this click could be reduced to a minimum.
Soft-step supports N dB volume change, including mute.
Example
Soft-Step Time = 5.12ms
0dB  -16dB  0dB
Vin = 1Vrms @ 1KHz
Vin = 1Vrms @ 2KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com