Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS-151NB Arkusz danych(PDF) 6 Page - Hirose Electric

Numer części MS-151NB
Szczegółowy opis  Interface RF Connector with Switch, built-in interlock, DC to 3GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-151NB Arkusz danych(HTML) 6 Page - Hirose Electric

  MS-151NB Datasheet HTML 1Page - Hirose Electric MS-151NB Datasheet HTML 2Page - Hirose Electric MS-151NB Datasheet HTML 3Page - Hirose Electric MS-151NB Datasheet HTML 4Page - Hirose Electric MS-151NB Datasheet HTML 5Page - Hirose Electric MS-151NB Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
130
MS-151NB SeriesqInterface RF Connector with Switch, built-in interlock, DC to 3GHz
sPlug
qFor Receptacle: MS-151
(24.1)
(Ø4.15)
Part Number
MS-151-C(LP)
Termination fixture: MS-151/CF-MD, MS-151/SO-MD, MS-151/BE-MP and MS-151/CK-MP
Please contact your Hirose Electric representative for information.
HRS No.
358-0160-9
Packaging
Applicable cable
RoHS
1
1.5DS-QEHV(TA)
YES
sSMA Conversion adaptors
6.3
(6.29)
6
5.5
17.79
1/4-36UNS-2A
Part Number
MS151P-HRMJ
HRS No.
355-0089-7
Packaging
RoHS
1
YES
qFor Plug: MS-151-C(LP)
(6.29)
6
3.5
15.79
6.3
1/4-36UNS-2A
Part Number
MS151J-HRMJ
HRS No.
355-0088-4
Packaging
RoHS
1
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
04/2009



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com