Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MS-151NB Arkusz danych(PDF) 3 Page - Hirose Electric

Numer części MS-151NB
Szczegółowy opis  Interface RF Connector with Switch, built-in interlock, DC to 3GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-151NB Arkusz danych(HTML) 3 Page - Hirose Electric

  MS-151NB Datasheet HTML 1Page - Hirose Electric MS-151NB Datasheet HTML 2Page - Hirose Electric MS-151NB Datasheet HTML 3Page - Hirose Electric MS-151NB Datasheet HTML 4Page - Hirose Electric MS-151NB Datasheet HTML 5Page - Hirose Electric MS-151NB Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
127
MS-151NB SeriesqInterface RF Connector with Switch, built-in interlock, DC to 3GHz
BTypical data
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
DC
3.0
[GHz]
[dB]
0
0.2
0.4
0.6
0.8
1.0
2.0
1.0
INSERTION LOSS
V.S.W.R.
: V.S.W.R. SPEC
: INSERTION LOSS SPEC
: ISOLATION SPEC
qNORMALLY CLOSED(N.O) ~ (Not mated with the plug)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
DC
3.0
[GHz]
[dB]
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
2.0
1.0
INSERTION LOSS
ISOLATION
V.S.W.R.
qOPEN(N.O) ~ (Mated with the plug)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
04/2009



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com