| Zakładka z wyszukiwarką danych komponentów |
|
WM8281ECS/R Arkusz danych(PDF) 252 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Arkusz danych(HTML) 252 Page - Cirrus Logic |
|
252 / 392 page ![]() WM8281 252 Rev 4.0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R3344 (0D10h) IRQ2 Status 1 3 GP4_EINT2 0 GPIO4 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 GP3_EINT2 0 GPIO3 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 GP2_EINT2 0 GPIO2 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 GP1_EINT2 0 GPIO1 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. R3345 (0D11h) IRQ2 Status 2 11 DSP4_RAM_RD Y_EINT2 0 DSP4 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 DSP3_RAM_RD Y_EINT2 0 DSP3 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 9 DSP2_RAM_RD Y_EINT2 0 DSP2 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 8 DSP1_RAM_RD Y_EINT2 0 DSP1 RAM Ready Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 7 DSP_IRQ8_EINT 2 0 DSP IRQ8 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 6 DSP_IRQ7_EINT 2 0 DSP IRQ7 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 5 DSP_IRQ6_EINT 2 0 DSP IRQ6 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 4 DSP_IRQ5_EINT 2 0 DSP IRQ5 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 3 DSP_IRQ4_EINT 2 0 DSP IRQ4 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 DSP_IRQ3_EINT 2 0 DSP IRQ3 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 DSP_IRQ2_EINT 2 0 DSP IRQ2 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 DSP_IRQ1_EINT 2 0 DSP IRQ1 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. R3346 (0D12h) IRQ2 Status 3 15 SPK_OVERHEA T_WARN_EINT2 0 Speaker Overheat Warning Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 14 SPK_OVERHEA T_EINT2 0 Speaker Overheat Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. |